Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERA 1A Datasheet (PDF) - Panasonic Semiconductor

ERA 1A Datasheet PDF - Panasonic Semiconductor
Part # ERA 1A
Download  ERA 1A Download
File Size   1260.6 Kbytes
Page   7 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Metal Film (Thin Film) Chip Resistors, High Reliability Type

ERA 1A Datasheet (PDF)

Go To PDF Page Download Datasheet
ERA 1A Datasheet PDF - Panasonic Semiconductor

Part # ERA 1A
Download  ERA 1A Click to download

File Size   1260.6 Kbytes
Page   7 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Metal Film (Thin Film) Chip Resistors, High Reliability Type

ERA 1A Datasheet (HTML) - Panasonic Semiconductor


ERA 1A Product details

Features
● High reliability : Stable at high temperature and humidity (85 ℃ 85 %RH rated load, Category temperature range : –55 ℃ to +155 ℃)
● High accuracy : Low resistance tolerance and Temperature Coefficient of Resistance
● High performance : Low current noise, excellent linearity
● Reference standard : IEC 60115-8, JIS C 5201-8, JEITA RC-2133C
● AEC-Q200 compliant
● RoHS compliant




Similar Part No. - ERA 1A

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ERA MINI-ERA Datasheet
79Kb / 2P
MONOLITHIC AMPLIFIERS 50??BROADBAND DC to 8 GHz
logo
Panasonic Semiconductor
ERA PANASONIC-ERA Datasheet
537Kb / 7P
Metal Film (Thin Film) Chip Resistors, High Reliability Type
1-Jul-21
logo
Mini-Circuits
ERA-1 MINI-ERA-1 Datasheet
79Kb / 2P
MONOLITHIC AMPLIFIERS 50??BROADBAND DC to 8 GHz
ERA-1+ MINI-ERA-1+ Datasheet
122Kb / 1P
AMPLIFIERS
logo
Panasonic Semiconductor
ERA-14EB PANASONIC-ERA-14EB Datasheet
196Kb / 2P
Surface Mount Chip Resistors
More results


Similar Description - ERA 1A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA-2AED102X PANASONIC-ERA-2AED102X Datasheet
77Kb / 2P
Metal Film Thin Film Chip Resistors High Reliability Type
ERA-8AEB2491V PANASONIC-ERA-8AEB2491V Datasheet
77Kb / 2P
Metal Film Thin Film Chip Resistors High Reliability Type
ERA-3AEB3921V PANASONIC-ERA-3AEB3921V Datasheet
67Kb / 2P
Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-3AEB9761V PANASONIC-ERA-3AEB9761V Datasheet
80Kb / 2P
Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-3AEB153V PANASONIC-ERA-3AEB153V Datasheet
80Kb / 2P
Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-3AEB304V PANASONIC-ERA-3AEB304V Datasheet
80Kb / 2P
Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-3AEB433V PANASONIC-ERA-3AEB433V Datasheet
80Kb / 2P
Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-2AEB103X PANASONIC-ERA-2AEB103X Datasheet
81Kb / 2P
Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-6ARB113V PANASONIC-ERA-6ARB113V Datasheet
81Kb / 2P
Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-6AEB514V PANASONIC-ERA-6AEB514V Datasheet
64Kb / 2P
Metal Film (Thin Film) Chip Resistors, High Reliability Type
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com